Part Number Hot Search : 
X9319UP8 AO6400 A112M RD43FF06 JSCB3 DR4000 041MR V175ME10
Product Description
Full Text Search
 

To Download BZX84C27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX84C2V4 ... BZX84C47 (300 mW)
BZX84C2V4 ... BZX84C47 (300 mW)
Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflachenmontage Version 2007-06-29 Power dissipation - Verlustleistung
2.9 0.1 0.4
3
max
300 mW 2.4...47 V SOT-23 (TO-236) 0.01 g
1.1
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
0.1
1
2
1.9
Dimensions - Mae [mm] 1=A 2 = n.c./frei 3=C
Standard Zener voltage tolerance is graded to the international E 24 (~5%) standard. Other voltage tolerances and higher Zener voltages on request. Die Toleranz der Zener-Spannung ist in der Standard-Ausfuhrung gestuft nach der internationalen Reihe E 24 (~5%). Andere Toleranzen oder hohere Arbeitsspannungen auf Anfrage. Maximum ratings and Characteristics Power dissipation - Verlustleistung Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft TA = 25C Ptot Tj TS RthA Grenz- und Kennwerte BZX84-series 300 mW 1) -50...+150C -50...+150C < 420 K/W 1)
Zener voltages see table on next page - Zener-Spannungen siehe Tabelle auf der nachsten Seite Pinning Anschlussbelegung
3
2.5
1.3
Type Code
15 [mA] 10
5,1 4,7 4,3 3,9 IZ = 5 mA 3,6 3,3 5,6 6,2 6,8 7,5 8,2 9,1 10
1
1=A
2
2 = n.c./frei 3 = C
5 IZ
3,0 2,7 2,4
0
4 5 7 0 VZ 2 3 6 8 10 [V] Zener Voltage vs. Zener current - Abbruchspannung uber Zenerstrom
1
Mounted on P.C. board with 3 mm2 copper pads at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BZX84C2V4 ... BZX84C47 (300 mW) Maximum ratings
Type Typ Code Zener voltage ) Zener-Spanng. 1) IZ = 5 mA
2
Grenzwerte
Dynamic resistance Inhar. diff. Widerstand rzj [] at f = 1 kHz Temp. Coeffic. of Z-voltage ...der Z-spanng. Reverse voltage Sperrspannung VR at/bei IR Z-current 3) Z-Strom 2) TA = 50C
BZX84 ...C2V4 ...C2V7 ...C3V0 ...C3V3 ...C3V6 ...C3V9 ...C4V3 ...C4V7 ...C5V1 ...C5V6 ...C6V2 ...C6V8 ...C7V5 ...C8V2 ...C9V1 ...C10 ...C11 ...C12 ...C13 ...C15 ...C16 ...C18 ...C20 ...C22 ...C24 IZ = ...C27 ...C30 ...C33 ...C36 ...C39 ...C43 ...C47
2 3
Vzmin [V] Vzmax [V] IZ = 5 mA Z11 Z12 Z13 Z14 Z15 Z16 W9 Z1 Z2 Z3 Z4 Z5 Z6 Z7 Z8 Z9 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Y10 Y11 Y12 Y13 Y14 Y15 Y16 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 2 mA 25.1 28 31 34 37 40 44 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 2 mA 28.9 32 35 38 41 46 50 < 85 < 85 < 85 < 85 < 85 < 85 < 80 < 80 < 60 < 40 < 10 < 15 < 15 < 15 < 15 < 20 < 20 < 25 < 30 < 30 < 40 < 45 < 55 < 55 < 70 2 mA < 80 < 80 < 80 < 90 < 130 < 150 < 170
IZ = 1 mA < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 500 < 480 < 400 < 150 < 80 < 80 < 80 < 100 < 150 < 150 < 150 < 170 < 200 < 200 < 225 < 225 < 250 < 250 0.5 mA < 300 < 300 < 325 < 350 < 350 < 375 < 375
VZ [10-4/C] -8...-5 -8...-5 -8...-5 -8...-5 -8...-5 -8...-5 -7...-4 -5...-2 -2...+2 -1...+4 +2...+5 +3...+6 +3...+6 +4...+7 +4...+7 +5...+8 +5...+8 +5...+8 +6...+9 +6...+9 +6...+9 +6...+9 +6...+9 +7...+10 +7...+10 +7...+10 +7...+10 +7...+10 +7...+10 +7...+10 +7...+10 +7...+10
VR [V] 1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.1 27.3 30.1 32.9
IR [A] 20 20 10 5 5 3 3 3 2 1 3 2 1 0.7 0.5 0.2 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05
IZmax [mA] 115 103 94 86 79 73 65 60 56 50 45 42 38 34 31 28 26 24 21 19 18 16 14 13 12 10 9 9 8 7 7 6
Tested with pulses tp = 5 ms - Gemessen mit Impulsen tp = 5 ms Mounted on P.C. board with 3 mm2 copper pads at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BZX84C27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X